Part Number Hot Search : 
70217 W1616 2SC5129 1C220 AK4223 SM6104P 7421FC ILA7052
Product Description
Full Text Search
 

To Download HD74LV174A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LV174A
Hex D-type Flip-Flops with Clear
ADE-205-269 (Z) 1st Edition April 1999 Description
This device contains 6 master-slave flip-flops with a common clock and common clear. Data on the D input having the specified setup and hold times is transferred to the Q output on the low to high transition of the clock input. The clear input when low, sets all outputs to a low state. Low-voltage and high-speed operation is suitable for battery-powered products (e.g., notebook computers), and the low-power consumption extends the battery life.
Features
* * * * * * VCC = 2.0 V to 5.5 V operation All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) All outputs VO (Max.) = 5.5 V (@VCC = 0 V) Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) Typical VOH undershoot > 2.3 V (@VCC = 3.3 V, Ta = 25C) Output current 6 mA (@VCC = 3.0 V to 3.6 V), 12 mA (@VCC = 4.5 V to 5.5 V)
Function Table
Inputs CLR L H H H Note: H: L: X: : : CLK X High level Low level Immaterial Low to high transition High to low transition D X H L X Output Q L H L no change
HD74LV174A
Pin Arrangement
CLR 1 1Q 2 1D 3 2D 4 2Q 5 3D 6 3Q 7 GND 8
16 VCC 15 6Q 14 6D 13 5D 12 5Q 11 4D 10 4Q 9 CLK
(Top view)
2
HD74LV174A
Absolute Maximum Ratings
Item Supply voltage range Input voltage range*
1 1, 2
Symbol VCC VI VO
Ratings -0.5 to 7.0 -0.5 to 7.0 -0.5 to VCC + 0.5 -0.5 to 7.0
Unit V V V
Conditions
Output voltage range*
Output: H or L VCC: OFF
Input clamp current Output clamp current Continuous output current Continuous current through VCC or GND Maximum power dissipation at Ta = 25C (in still air)*3
I IK I OK IO I CC or IGND PT
-20 50 25 50 785 500
mA mA mA mA mW
VI < 0 VO < 0 or VO > VCC VO = 0 to VCC
SOP TSSOP
Storage temperature
Tstg
-65 to 150
C
Notes: The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. This value is limited to 5.5 V maximum. 3. The maximum package power dissipation was calculated using a junction temperature of 150C.
3
HD74LV174A
Recommended Operating Conditions
Item Supply voltage range Input voltage range Output voltage range Output current Symbol VCC VI VO I OH Min 2.0 0 0 -- -- -- -- I OL -- -- -- -- Input transition rise or fall rate t /v 0 0 0 Operating free-air temperature Ta -40 Max 5.5 5.5 VCC -50 -2 -6 -12 50 2 6 12 200 100 20 85 C ns/V A mA Unit V V V A mA H or L VCC = 2.0 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 2.0 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 4.5 to 5.5 V Conditions
Note: Unused or floating inputs must be held high or low.
Logic Diagram
CLR CLK 1D 1 9 3
1D C1 R 2 1Q
To Five Other Channels
4
HD74LV174A
DC Electrical Characteristics
* Ta = -40 to 85C
Item Input voltage Symbol VIH VCC (V)* 2.0 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 VIL 2.0 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 Output voltage VOH Min to Max 2.3 3.0 4.5 VOL Min to Max 2.3 3.0 4.5 Input current Quiescent supply current Output leakage current Input capacitance IIN ICC IOFF CIN 0 to 5.5 5.5 0 3.3 Min 1.5 VCC x 0.7 VCC x 0.7 VCC x 0.7 -- -- -- -- VCC - 0.1 2.0 2.48 3.8 -- -- -- -- -- -- -- -- Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 1.7 Max -- -- -- -- 0.5 VCC x 0.3 VCC x 0.3 VCC x 0.3 -- -- -- -- 0.1 0.4 0.44 0.55 1 20 5 -- A A A pF V IOH = -50 A IOH = -2 mA IOH = -6 mA IOH = -12 mA IOL = 50 A IOL = 2 mA IOL = 6 mA IOL = 12 mA VI = 5.5 V or GND VI = VCC or GND, IO = 0 VI or VO = 0 V to 5.5 V VI = VCC or GND Unit V Test Conditions
Note: For conditions shown as Min or Max, use the appropriate values under recommended operating conditions.
5
HD74LV174A
Switching Characteristics
* VCC = 2.5 0.2 V
Ta = 25C Item Maximum clock frequency Symbol fmax Min 55 Typ 115 Max -- Ta = -40 to 85C Min 50 Max -- Unit MHz Test Conditions CL = 15 pF FROM (Input) TO (Output)
45 Propagation delay time tPLH / tPHL --
90 8.4
-- 17.1
40 1.0
-- 19.0 ns
CL = 50 pF CL = 15 pF CLK Q
-- tPHL -- -- Setup time tSU 8.5
10.8 6.3 8.2 --
20.6 17.3 21.9 --
1.0 1.0 1.0 9.5
23.0 19.5 23.5 -- ns
CL = 50 pF CL = 15 pF CL = 50 pF Data before CLK CLR
4.0 Hold time Pulse width th -0.5
-- --
-- --
4.0 0.0
-- -- ns
CLR inactive before CLK Data after CLK
tW
6.0
--
--
6.5
--
ns
CLR L
7.0
--
--
7.0
--
CLK H or L
6
HD74LV174A
Switching Characteristics (cont)
VCC = 3.3 0.3 V
Ta = 25C Item Maximum clock frequency Symbol fmax Min 95 Typ 170 Max -- Ta = -40 to 85C Min 50 Max -- Unit MHz Test Conditions CL = 15 pF FROM (Input) TO (Output)
55 Propagation delay time tPLH / tPHL --
130 5.8
-- 11.0
40 1.0
-- 13.0 ns
CL = 50 pF CL = 15 pF CLK Q
-- tPHL -- -- Setup time tSU 5.0
7.5 4.5 6.0 --
14.5 11.4 14.9 --
1.0 1.0 1.0 6.0
16.5 13.5 17.0 -- ns
CL = 50 pF CL = 15 pF CL = 50 pF Data before CLK CLR
3.0 Hold time Pulse width th 0.0
-- --
-- --
3.0 0.0
-- -- ns
CLR inactive before CLK Data after CLK
tW
5.0
--
--
5.0
--
ns
CLR L
5.0
--
--
5.0
--
CLK H or L
7
HD74LV174A
Switching Characteristics (cont)
VCC = 5.0 0.5 V
Ta = 25C Item Maximum clock frequency Symbol fmax Min 130 Typ 240 Max -- Ta = -40 to 85C Min 110 Max -- Unit MHz Test Conditions CL = 15 pF FROM (Input) TO (Output)
90 Propagation delay time tPLH / tPHL --
180 4.1
-- 7.2
80 1.0
-- 8.5 ns
CL = 50 pF CL = 15 pF CLK Q
-- tPHL -- -- Setup time tSU 4.5
5.5 3.0 4.2 --
9.2 7.6 9.6 --
1.0 1.0 1.0 4.5
10.5 9.0 11.0 -- ns
CL = 50 pF CL = 15 pF CL = 50 pF Data before CLK CLR
2.5 Hold time Pulse width th 0.5
-- --
-- --
2.5 0.5
-- -- ns
CLR inactive before CLK Data after CLK
tW
5.0
--
--
5.0
--
ns
CLR L
5.0
--
--
5.0
--
CLK H or L
8
HD74LV174A
Output-skew Characteristics
Ta = 25C Item Output skew Symbol t sk (O) VCC = (V) 2.3 to 2.7 3.0 to 3.6 4.5 to 5.5 Min -- -- -- Typ -- -- -- Max 2.0 1.5 1.0 Ta = -40 to 85C Min -- -- -- Max 2.0 1.5 1.0 Unit ns
Note: Skew between any outputs of the same package switching in the same direction. This parameter is warranted but not production tested.
Operating Characteristics
* CL = 50 pF
Ta = 25C Item Power dissipation capacitance Symbol CPD VCC = (V) 3.3 Min -- Typ 14 Max -- Unit pF Test Conditions f = 10 MHz
5.0
--
15.1
--
Noise Characteristics
* CL = 50 pF
Ta = 25C Item Quiet output, maximum dynamic VOL Quiet output, minimum dynamic VOL Quiet output, minimum dynamic VOH High-level dynamic input voltage Low-level dynamic input voltage Symbol VOL (P) VCC = (V) 3.3 Min -- Typ 0.3 Max 0.8 Unit V Test Conditions
VOL (V)
3.3
--
-0.3
-0.8
VOH (V)
3.3
--
3.0
--
VIH (D)
3.3
2.31
--
--
V
VIL (D)
3.3
--
--
0.99
9
HD74LV174A
Test Circuit
Measurement point
CL*
Note: C L includes the probe and jig capacitance.
10
HD74LV174A
tr tf 90 % 50 % V CC th 90 % 50 % V CC VCC 10 % 0V
* Waveform-1
Timing input 10 % t su
VCC Data input 50 % V CC tw VCC Input 50 % V CC 50 % V CC 0V 50 % V CC 0V
tr
tf 90 % 50 % V CC t PLH 90 % 50 % V CC VCC 10 % t PHL 0V
* Waveform-2
Input
10 %
VOH In phase output t PHL 50 % V CC 50 % V CC VOL t PLH VOH Out of phase output 50 % V CC 50 % V CC VOL Notes: 1. Input waveform: PRR 1 MHz, Zo = 50 , tr 3 ns, tf 3 ns 2. The output is measured one at a time with one transition per measurement.
11
HD74LV174A
Package Dimensions
10.06 10.5 Max 16 9
5.5
1
8
0.22 0.05 0.20 0.04
0.20 7.80 + 0.30 -
0.80 Max
2.20 Max
1.15 0 - 8 0.70 0.20
1.27
0.42 0.08 0.40 0.06
0.12 M
Dimension including the plating thickness Base material dimension Hitachi Code JEDEC EIAJ Weight (reference value) FP-16DA -- Conforms 0.24 g
12
0.10 0.10
0.15
HD74LV174A
Unit: mm
9.9 10.3 Max 16 9 3.95 1 1.27 0.635 Max 8
0.11 0.14 + 0.04 - 1.75 Max
*0.22 0.03 0.20 0.03
0.10 6.10 + 0.30 -
1.08 0 - 8
+ 0.67 0.60 - 0.20
*0.42 0.08 0.40 0.06
0.15 0.25 M
*Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
FP-16DN Conforms Conforms 0.15 g
13
HD74LV174A
5.0 5.3 Max 16 9 4.40 1
0.08 0.22 + 0.07 -
8 0.65 1.0 6.40 0.20 0 - 8 0.50 0.10
0.20 0.06
0.13 M 0.65 Max
0.17 0.05 0.15 0.04
1.10 Max
0.10
0.07 +0.03 -0.04
Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
TTP-16DA -- -- 0.05 g
14
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HD74LV174A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X